PART |
Description |
Maker |
PIC32MX4XXF128HT-80IMR PIC32MX4XXF128HT-80IPT PIC3 |
64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-64
|
Microchip Technology Fujitsu, Ltd.
|
C8051F132 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
PIC32MX3XXF64HT-I_PF-ES PIC32MX3XXF64HT-I_PT-ES PI |
64/100-Pin General Purpose,32-Bit Flash Microcontrollers
|
Microchip Technology
|
PIC24FJ256GB110 |
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
|
Microchip Technology
|
PIC24FJ192GB PIC24FJ128GB PIC24FJ64GB PIC24FJ256GB |
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
|
http:// Microchip Technology
|
PIC24FJ256GB106 PIC24FJ256GB108 PIC24FJ256GB106-IM |
64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
|
Microchip Technology
|
C8051F124 |
50 MIPS, 128 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
PIC18F248-E/L PIC18F448-E/L PIC18LF248-E/L PIC18LF |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module 8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SOIC-28 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, FLASH, 40 MHz, RISC MICROCONTROLLER, PDIP40
|
Microchip Technology Maxim Integrated Products, Inc.
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
|